PART |
Description |
Maker |
DAT40 DAT80 |
(DAT Series) High Voltage / Power Capacitors
|
Murata Electronics
|
LD87C51FB-1 TP80C51FA N80C51FA-24 LN80C51FA-1 D83C |
8-BIT, MROM, 33 MHz, MICROCONTROLLER, CDIP40 8-BIT, 16 MHz, MICROCONTROLLER, PQCC44 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER 8-BIT, 12 MHz, MICROCONTROLLER, PDIP40 8-Bit MCU: CISC: EPROM: MCS51 Family
|
INTEL CORP Intel, Corp.
|
25AA160 25C160 25LC160 25LC160T-ISN 25C160T-ISN 25 |
Power Source Selector for Dual-Battery Systems Voltage-Positioning Evaluation Kit for the MAX1711 Evaluation Kit for the MAX1773 Evaluation Kit for the MAX1844 The 25LC160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat
|
Microchip
|
Z86E30 Z86E40 Z86E3116SSC Z86E3116VEE Z86E3116VSE |
Z8 4K OTP Microcontroller 8-BIT, UVPROM, 16 MHz, MICROCONTROLLER, CDIP40 Z8 4K OTP Microcontroller 8-BIT, UVPROM, 16 MHz, MICROCONTROLLER, CDIP28 Z8 4K OTP Microcontroller Z8 4K的检察官办公室单片机 Z8 4K OTP Microcontroller 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PDSO28
|
ZILOG INC ZiLOG, Inc. Zilog.
|
UPD17225MC-XXX-5A4-A UPD17225CT-XXX UPD17225GT-XXX |
4-BIT, MROM, MICROCONTROLLER, PDSO30 4-BIT, MROM, MICROCONTROLLER, PDIP28 4-BIT, MROM, MICROCONTROLLER, PDSO28 4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
|
Renesas Electronics Corporation
|
STM8AH51A9TAR STM8AH5169TCR STM8AH5169TAR STM8AH51 |
MICROCONTROLLER, PQFP64 MICROCONTROLLER, PQFP48 MICROCONTROLLER, PQFP32
|
STMICROELECTRONICS
|
C161K SAF-C161K-L25M SAF-C161K-LM SAB-C161K-L25M S |
(C161O) 16-Bit Single-Chip Microcontroller CONNECTOR ACCESSORY 16-Bit Single-Chip Microcontroller 16位单片机 16-BIT, 25 MHz, MICROCONTROLLER, PQFP80 16-Bit CMOS Microcontroller
|
Infineon Technologies A... Infineon Technologies AG
|
MB89P657APFV-102 MB89P657APFV-105 MB89P657APFV-101 |
Quadruple Bus Buffer Gates With 3- State Outputs 14-CDIP -55 to 125 8-BIT, MROM, 10 MHz, MICROCONTROLLER, PQFP100 LJT 79C 79#22D PIN REAR WALL 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PQFP100 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PQFP100
|
Fujitsu Component Limited. Fujitsu, Ltd. Fujitsu Limited
|
LC7233N LC7233M |
Singlchip PLL and microcontroller with LCD driver Single-Chip PLL and Microcontroller with LCD Driver MICROCONTROLLER,4-BIT,CMOS,QFP,64PIN,PLASTIC From old datasheet system
|
Sanyo Semicon Device Sanyo Semiconductor Corp Sanyo Electric Co.,Ltd.
|
ATMEGA328P-20AU TS83C51RC2ZZZ-MIED TS83C51RC2ZZZ-M |
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, MROM, 30 MHz, MICROCONTROLLER, PQCC44 High Endurance Non-volatile Memory Segments
|
ATMEL Corporation TEMIC SEMICONDUCTORS
|
|